Part Number Hot Search : 
Z90365 25L20 74F245PC 2SC36 VSH61016 222S2 TLP734 20022
Product Description
Full Text Search
 

To Download 1N4728AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728AG ~ 1N4764AG
VZ : 3.3 to 100V PD : 1.0 Watt
FEATURES :
* Silicon planar power zener diodes. * For use in stabilizing and clipping circuits with high power rating. * Standard zener voltage tolerance is 5% * Other tolerances are available upon request. * Pb / RoHS Free
ZENER DIODES
DO-41 Glass (DO-204AL)
0.102(2.6 )max.
1.00 (25.4) min.
Cathode Mark
0.161 (4.1) max.
0.034 (0.86)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-41 Glass Case Weight: approx. 0.35g Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. Power Dissipation Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range VF PD RJA TJ TS 1.2 1.0
(1)
Symbol
Value
Unit
V W K/W C C
100(1) 175 -55 to + 175
Note: (1) Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.
Page 1 of 2
Rev. 03 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Nominal Zener Type No. Voltage VZ @ IZT IZT (V) (mA)
(3)
Maximum Zener Impedance ZZT @ IZT () ZZK @ IZK ()
(1)
Maximum Reverse Leakage Current IR @ VR (A) (V)
Maximum Regulator Current IZM(2) (mA)
Maximum Surge Current IRM (mA)
IZK (mA)
1N4728AG 3.3 76.0 10 400 1.0 100 1.0 276 1380 1N4729AG 3.6 69.0 10 400 1.0 100 1.0 252 1260 1N4730AG 3.9 64.0 9.0 400 1.0 50 1.0 234 1190 1N4731AG 4.3 58.0 9.0 400 1.0 10 1.0 217 1070 1N4732AG 4.7 53.0 8.0 500 1.0 10 1.0 193 970 1N4733AG 5.1 49.0 7.0 550 1.0 10 1.0 178 890 1N4734AG 5.6 45.0 5.0 600 1.0 10 2.0 162 810 1N4735AG 6.2 41.0 2.0 700 1.0 10 3.0 146 730 1N4736AG 6.8 37.0 3.5 700 1.0 10 4.0 133 660 1N4737AG 7.5 34.0 4.0 700 0.5 10 5.0 121 605 1N4738AG 8.2 31.0 4.5 700 0.5 10 6.0 110 550 1N4739AG 9.1 28.0 5.0 700 0.5 10 7.0 100 500 1N4740AG 10 25.0 7.0 700 0.25 10 7.6 91 454 1N4741AG 11 23.0 8.0 700 0.25 5.0 8.4 83 414 1N4742AG 12 21.0 9.0 700 0.25 5.0 9.1 76 380 1N4743AG 13 19.0 10 700 0.25 5.0 9.9 69 344 1N4744AG 15 17.0 14 700 0.25 5.0 11.4 61 305 1N4745AG 16 15.5 16 700 0.25 5.0 12.2 57 285 1N4746AG 18 14.0 20 750 0.25 5.0 13.7 50 250 1N4747AG 20 12.5 22 750 0.25 5.0 15.2 45 225 1N4748AG 22 11.5 23 750 0.25 5.0 16.7 41 205 1N4749AG 24 10.5 25 750 0.25 5.0 18.2 38 190 1N4750AG 27 9.5 35 750 0.25 5.0 20.6 34 170 1N4751AG 30 8.5 40 1000 0.25 5.0 22.8 30 150 1N4752AG 33 7.5 45 1000 0.25 5.0 25.1 27 135 1N4753AG 36 7.0 50 1000 0.25 5.0 27.4 25 125 1N4754AG 39 6.5 60 1000 0.25 5.0 29.7 23 115 1N4755AG 43 6.0 70 1500 0.25 5.0 32.7 22 110 1N4756AG 47 5.5 80 1500 0.25 5.0 35.8 19 95 1N4757AG 51 5.0 95 1500 0.25 5.0 38.8 18 90 1N4758AG 56 4.5 110 2000 0.25 5.0 42.6 16 80 1N4759AG 62 4.0 125 2000 0.25 5.0 47.1 14 70 1N4760AG 68 3.7 150 2000 0.25 5.0 51.7 13 65 1N4761AG 75 3.3 175 2000 0.25 5.0 56.0 12 60 1N4762AG 82 3.0 200 3000 0.25 5.0 62.2 11 55 1N4763AG 91 2.8 250 3000 0.25 5.0 69.2 10 50 1N4764AG 100 2.5 350 3000 0.25 5.0 76.0 9.0 45 Notes: (1) The Zener impedance is derived from the 1kHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units (2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature (3) Measured under thermal equilibrium and DC test conditions. (4) Standard Zener voltage tolerance is 5% tolerance. Other Zener voltages and tolerances are available upon request.
Page 2 of 2
Rev. 03 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1N4728AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X